|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
E le perT te s t p la T c tr ic a l u s o n ix ns and estM e T e s tin g s ta n d a rd M il-S td -2 0 2 th o d s . D IM E N S IO N S IN IN C H E S - D O N O T S C A L E T H IS D R A W IN G D IM E N S IO N S IN M E T R IC - [ ] .1 9 5 .0 1 5 [4 .9 5 .3 8 ] O R IE N T A T IO N M A R K E T IN G S A L E S D R A W IN G C IR C U IT ROUNDED END .0 3 1 [.7 9 ] G O L D P L A T E D PHO SPHO R BRO N ZE LEAD .4 2 7 [1 0 .8 4 ] .1 1 3 [2 .8 7 ] SO LDER PLATED BRASS EYELET .1 4 7 [3 .7 3 ] .3 1 0 [7 .8 7 ] ROUNDED END .1 4 3 M A X . [3 .6 3 M A X .] M IN . CAP. 1 2 ,0 0 0 pF 1 2 5 C W o r k in g V o lta g e 70 VD C 0 C u rre n t ID C 10 A M in im u m N o L o a d In (d B ) a t 2 5 C p e r M 10 100 MHz MHz G 25 70 s e r tio n L o s s il- S td - 2 2 0 1 10 Hz GHz 65 65 --T O L E R A N C E S -U n le s s O th e r w is e S p e c ifie d D E C IM A L ANGLES .0 3 1 D ra w n A p p ro v e d T itle X -2 0 1 5 R e v -0 R E V IS IO N R E C O R D O r ig in a l R e le a s e C .O . W A S S K 7 6 9 0 -0 0 1 L .E . 1 0 -1 2 -0 0 2 0 0 0 1 0 0 6 -1 -0 4 M U L T IL A Y E R EYELET STYLE E M I F IL T E R S .M . 1 0 -0 6 -0 0 T .C . 1 0 -0 6 -0 0 S c a le 5X T U C S O N , A R IZ O N A A 4 1 5 1 -0 1 1 |
Price & Availability of 4151-011 |